Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 225 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 221Page - STMicroelectronics STM32W108CB Datasheet HTML 222Page - STMicroelectronics STM32W108CB Datasheet HTML 223Page - STMicroelectronics STM32W108CB Datasheet HTML 224Page - STMicroelectronics STM32W108CB Datasheet HTML 225Page - STMicroelectronics STM32W108CB Datasheet HTML 226Page - STMicroelectronics STM32W108CB Datasheet HTML 227Page - STMicroelectronics STM32W108CB Datasheet HTML 228Page - STMicroelectronics STM32W108CB Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Analog-to-digital converter
Doc ID 16252 Rev 14
225/278
Gain
32768
16384
N
VREF
N
GND
–
()
------------------------------------------
×
Offset (after applying gain correction)
2
57344
N
GND
–
()
×
Equation notes
●
All N are 16-bit two’s complement numbers.
●
NGND is a sampling of ground. Due to the ADC's internal design, VGND does not yield
the minimum two’s complement value 0x8000 as the conversion result. Instead, VGND
yields a two’s complement value close to 0xE000 when the input buffer is not selected.
VGND cannot be measured when the input buffer is enabled because it is outside the
buffer’s input range.
●
NVREF is a sampling of VREF. Due to the ADC's internal design, VREF does not yield
the maximum positive two’s complement 0x7FFF as the conversion result. Instead,
VREF yields a two’s complement value close to 0x2000 when the input buffer is not
selected and yields a two’s complement value close to 0xF000 when the input buffer is
selected.
●
Offset correction is affected by the gain correction value. Offset correction is calculated
after gain correction has been applied.
Table 41.
ADC gain and offset correction equations
Calibration
Correction value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com