Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 228 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 228 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 224Page - STMicroelectronics STM32W108CB Datasheet HTML 225Page - STMicroelectronics STM32W108CB Datasheet HTML 226Page - STMicroelectronics STM32W108CB Datasheet HTML 227Page - STMicroelectronics STM32W108CB Datasheet HTML 228Page - STMicroelectronics STM32W108CB Datasheet HTML 229Page - STMicroelectronics STM32W108CB Datasheet HTML 230Page - STMicroelectronics STM32W108CB Datasheet HTML 231Page - STMicroelectronics STM32W108CB Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 278 page
background image
Analog-to-digital converter
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
228/278
Doc ID 16252 Rev 14
11.3.3
ADC control register (ADC_CR)
Address offset: 0xD004
Reset value:
0x0000 1800
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SMP[2:0]
HVSELP
HVSELN
CHSELP[3:0]
CHSELN[3:0]
CLK
Reserved
ADON
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16] Reserved, must be kept at reset value
Bits [15:13] SMP[2:0]: ADC sample time in clocks and the equivalent significant bits in the conversion
0: 32 clocks (5 bits)
1: 64 clocks (6 bits)
2: 128 clocks (7 bits)
3: 256 clocks (8 bits)
4: 512 clocks (9 bits)
5: 1024 clocks (10 bits)
6: 2048 clocks (11 bits)
7: 4096 clocks (12 bits)
Bit 12 HVSELP: Select voltage range for the P input channel
0: Low voltage range (input buffer disabled)
1: High voltage range (input buffer enabled)
Bit 11 HVSELN: Select voltage range for the N input channel
0: Low voltage range (input buffer disabled).
1: High voltage range (input buffer enabled).
Note: For the STM32W108CC and STM32W108CZ, the HVSELN register allows the chopper
to be controlled.
Bits [10:7] CHSELP[3:0]: Input selection for the P channel
0x0: PB5 pin
0x1: PB6 pin
0x2: PB7 pin
0x3: PC1 pin
0x4: PA4 pin
0x5: PA5 pin
0x8: GND (0V) (not for high voltage range)
0x9: VREF/2 (0.6V)
0xA: VREF (1.2V)
0xB: VREG/2 (0.9V) (not for high voltage range)
0x6, 0x7, 0xC-0xF: Reserved, must be kept at reset value
Bits [6:3] CHSELN[3:0]: Input selection for the N channel
Refer to CHSELP[3:0] above for choices
Bit 2 CLK: Select ADC clock:
0: 6 MHz1: 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com