Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 242 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 242 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 238Page - STMicroelectronics STM32W108CB Datasheet HTML 239Page - STMicroelectronics STM32W108CB Datasheet HTML 240Page - STMicroelectronics STM32W108CB Datasheet HTML 241Page - STMicroelectronics STM32W108CB Datasheet HTML 242Page - STMicroelectronics STM32W108CB Datasheet HTML 243Page - STMicroelectronics STM32W108CB Datasheet HTML 244Page - STMicroelectronics STM32W108CB Datasheet HTML 245Page - STMicroelectronics STM32W108CB Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
242/278
Doc ID 16252 Rev 14
14.3
Operating conditions
14.3.1
General operating conditions
Regulator input voltage (VDD_PADS)
Analog and memory input voltage (VDD_24MHZ,
VDD_VCO, VDD_RF, VDD_IF, VDD_PADSA, VDD_MEM,
VDD_PRE, and VDD_SYNTH)
Core input voltage (VDD_CORE)
Operating temperature range
14.3.2
Operating conditions at power-up
Power-on resets (POR HV and POR LV)
The STM32W108 measures the voltage levels supplied to the three power domains. If a
supply voltage drops below a low threshold, then a reset is applied. The reset is released if
the supply voltage rises above a high threshold. There are three detection circuits for power
on reset as follows:
●
POR HV monitors the always on domain supply voltage. Thresholds are given in
Table 49.
●
POR LVcore monitors the core domain supply voltage. Thresholds are given in
Table 50.
●
POR LVmem monitors the memory supply voltage. Thresholds are given in Table 51.
Always-on domain release
Always-on domain assert
Supply rise time
From 0.5 V to 1.7 V
1.25 V domain release
1.25 V domain assert
1.8 V domain release
1.8 V domain assert
Table 48.
General operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
–
2.1
–
3.6
V
–
1.7
1.8
1.9
V
–
1.18
1.25
1.32
V
TOPER
-40
–
+105
°C
Table 49.
POR HV thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.0
1.2
1.4
V
0.5
0.6
0.7
V
–
–
250
µs
Table 50.
POR LVcore thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
0.9
1.0
1.1
V
0.8
0.9
1.0
V
Table 51.
POR LVmem thresholds
Parameter
Test conditions
Min
Typ
Max
Unit
1.35
1.5
1.65
V
1.26
1.4
1.54
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com