Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 243 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 243 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 239Page - STMicroelectronics STM32W108CB Datasheet HTML 240Page - STMicroelectronics STM32W108CB Datasheet HTML 241Page - STMicroelectronics STM32W108CB Datasheet HTML 242Page - STMicroelectronics STM32W108CB Datasheet HTML 243Page - STMicroelectronics STM32W108CB Datasheet HTML 244Page - STMicroelectronics STM32W108CB Datasheet HTML 245Page - STMicroelectronics STM32W108CB Datasheet HTML 246Page - STMicroelectronics STM32W108CB Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
243/278
The POR LVcore and POR LVmem reset sources are merged to provide a single reset
source, POR LV, to the Reset Generation module, since the detection of either event needs
to reset the same system modules.
NRST pin
A single active low pin, NRST, is provided to reset the system. This pin has a Schmitt
triggered input.
To afford good noise immunity and resistance to switch bounce, the pin is filtered with the
Reset Filter module and generates the reset source RSTB to the Reset Generation module.
Reset filter time constant
Reset pulse width to guarantee a reset
Reset pulse width guaranteed not to cause a reset
14.3.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is
stressed in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This test
conforms to the JESD22-A114/C101 standard.
Electrostatic discharge
voltage (human body model)
TA = +25 °C in
compliance with
JESD22-A114
Electrostatic discharge
voltage (human body model)
for RF pins
Electrostatic discharge
voltage (charge device
model) for all pins
Moisture sensitivity level
Table 52.
Reset filter specification for RSTB
Parameter
Min
Typ
Max
Unit
2.1
12.0
16.0
µs
26.0
–
–
µs
0–
1.0
µs
Table 53.
ESD absolute maximum ratings
Symbol
Parameter
Conditions
Class
Maximum value(1)
1.
Based on characterization results, not tested in production.
Unit
VESD(HBM)
2
±2000(2)
2.
Value valid for all devices and all pins except for the RF pins of the STM32W108CC and STM32W108CZ
devices.
V
±1100(3)
3.
Value valid only for STM32W108CC and STM32W108CZ devices.
VESD(CDM)
TA = +25 °C in
compliance with
JESD22-A114
II
±500
V
MSL
––
MSL3
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com