Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 248 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 248 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 244Page - STMicroelectronics STM32W108CB Datasheet HTML 245Page - STMicroelectronics STM32W108CB Datasheet HTML 246Page - STMicroelectronics STM32W108CB Datasheet HTML 247Page - STMicroelectronics STM32W108CB Datasheet HTML 248Page - STMicroelectronics STM32W108CB Datasheet HTML 249Page - STMicroelectronics STM32W108CB Datasheet HTML 250Page - STMicroelectronics STM32W108CB Datasheet HTML 251Page - STMicroelectronics STM32W108CB Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
248/278
Doc ID 16252 Rev 14
14.5
ADC characteristics
Table 56 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for
a sampling clock of 1 MHz. HVSELP and HVSELN are programmed to 0 to disable the input
buffer. The single-ended measurements were done at finput = 7.7% fNyquist; 0 dBFS level
(where full-scale is a 1.2 V p-p swing). The differential measurements were done at finput =
7.7% fNyquist; -6 dBFS level (where full-scale is a 2.4 V p-p swing).
SMP[2:0]
Conversion Time (µs)
Nyquist Freq (kHz)
3 dB Cut-off (kHz)
INL (codes peak)
INL (codes RMS)
1.435
2.848
DNL (codes peak)
0.028
0.035
0.038
0.044
0.074
0.113
0.184
0.333
DNL (codes RMS)
0.008
0.009
0.011
0.014
0.019
0.029
0.048
0.079
ENOB (from single-cycle
test)
SNR (dB)
Single-Ended
Differential
SINAD (dB)
Single-Ended
Differential
SDFR (dB)
Single-Ended
Differential
THD (dB)
Single-Ended
Differential
ENOB (from SNR)
Single-Ended
Differential
ENOB (from SINAD)
Single-Ended
Differential
Equivalent ADC Bits
Table 56.
ADC module key parameters for 1 MHz sampling(1)
1.
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of Table 56. ENOB
(effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or SINAD
(signal-to-noise and distortion ratio).
Parameter
Performance
0
1
23
456
7
32
64
128
256
512
1024
2048
4096
15.6
7.81
3.91
1.95
0.977
0.488
0.244
0.122
9.43
4.71
2.36
1.18
0.589
0.295
0.147
0.0737
0.083
0.092
0.163
0.306
0.624
1.229
2.451
4.926
0.047
0.051
0.093
0.176
0.362
0.719
5.6
7.0
8.6
10.1
11.5
12.6
13.0
13.2
35
35
44
44
53
53
62
62
70
71
75
77
77
79
77
80
35
35
44
44
53
53
61
62
67
70
69
75
70
76
70
76
59
60
68
69
72
77
72
80
72
81
72
81
72
81
73
81
-45
-45
-54
-54
-62
-63
-67
-71
-69
-75
-69
-76
-69
-76
-
69
-76
5.6
5.6
7.1
7.1
8.6
8.6
10.0
10.1
11.3
11.4
12.2
12.5
12.4
12.9
12.5
12.9
5.5
5.6
7.0
7.0
8.5
8.5
9.9
10.0
10.9
11.3
11.2
12.1
11.3
12.3
11.3
12.4
7 [15:9]
8 [15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
13
[15:3]
14
[15:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com