Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 252 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 252 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 248Page - STMicroelectronics STM32W108CB Datasheet HTML 249Page - STMicroelectronics STM32W108CB Datasheet HTML 250Page - STMicroelectronics STM32W108CB Datasheet HTML 251Page - STMicroelectronics STM32W108CB Datasheet HTML 252Page - STMicroelectronics STM32W108CB Datasheet HTML 253Page - STMicroelectronics STM32W108CB Datasheet HTML 254Page - STMicroelectronics STM32W108CB Datasheet HTML 255Page - STMicroelectronics STM32W108CB Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
252/278
Doc ID 16252 Rev 14
14.6
Clock frequencies
14.6.1
High frequency internal clock characteristics
Frequency at reset
Frequency Steps
Duty cycle
Supply dependence
Change in supply = 0.1 V
Test at supply changes: 1.8 V to 1.7 V
14.6.2
High frequency external clock characteristics
Frequency
Accuracy
Duty cycle
Phase noise (at 100 kHz offset)
Start-up time at max bias
Start up time at optimal bias
Current consumption
Current consumption at max bias
Crystal with high ESR
– Load capacitance
– Crystal capacitance
– Crystal power dissipation
Crystal with low ESR
– Load capacitance
– Crystal capacitance
– Crystal power dissipation
Table 60.
High-frequency RC oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
612
20
MHz
0.5
MHz
40
60
%
5%
Table 61.
High-frequency crystal oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
––
24
–
MHz
–
-40
–
+40
ppm
–
40–60
%
–
–
–
-120
dBc/Hz
–
––1
ms
–
––2
ms
–
–
200
300
µA
–
––1
mA
–
–
–
100
Ω
––
–
10
pF
–
––7
pF
–
–
–
200
µW
––
–
60
Ω
––
–
18
pF
–
––7
pF
–
––1
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com