Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 255 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 255 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 251Page - STMicroelectronics STM32W108CB Datasheet HTML 252Page - STMicroelectronics STM32W108CB Datasheet HTML 253Page - STMicroelectronics STM32W108CB Datasheet HTML 254Page - STMicroelectronics STM32W108CB Datasheet HTML 255Page - STMicroelectronics STM32W108CB Datasheet HTML 256Page - STMicroelectronics STM32W108CB Datasheet HTML 257Page - STMicroelectronics STM32W108CB Datasheet HTML 258Page - STMicroelectronics STM32W108CB Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Electrical characteristics
Doc ID 16252 Rev 14
255/278
ARM® Cortex-M3, RAM, and
Flash memory
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 running at
24 MHz from crystal oscillator
Radio and all peripherals off
–7.5
–
mA
ARM® Cortex-M3, RAM, and
Flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 clocked at
12 MHz from the crystal
oscillator
Radio and all peripherals off
–3.0
–
mA
ARM® Cortex-M3, RAM, and
Flash memory sleep current
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 clocked at
6 MHz from the high frequency
RC oscillator
Radio and all peripherals off
–2.0
–
mA
Serial controller current
For each controller at
maximum data rate
–0.2
–
mA
General purpose timer current
For each timer at maximum
clock rate
–0.25
–
mA
General purpose ADC current
At maximum sample rate, DMA
enabled
–1.1
–
mA
Rx current
Radio receiver, MAC, and
baseband
ARM® Cortex-M3 sleeping
–22.0
–
mA
Total RX current ( = IRadio receiver,
MAC and baseband, CPU + IRAM, and
Flash memory )
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
12 MHz
–25.0
–
mA
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
24 MHz
–26.5
–
mA
Boost mode total RX current ( =
IRadio receiver, MAC and baseband,
CPU+ IRAM, and Flash memory )
VDD_PADS = 3.0 V, 25 °C,
ARM® Cortex-M3 running at
12 MHz
–27.0
–
mA
VDD_PADS = 3.0 V, 2 5°C,
ARM® Cortex-M3 running at
24 MHz
–28.5
–
mA
Tx current
Radio transmitter, MAC, and
baseband
25 °C and 1.8 V core; max.
power out (+3 dBm typical)
ARM® Cortex-M3 sleeping
–26.0
–
mA
Table 64.
DC electrical characteristics (continued)
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com