Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 273 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 273 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 269Page - STMicroelectronics STM32W108CB Datasheet HTML 270Page - STMicroelectronics STM32W108CB Datasheet HTML 271Page - STMicroelectronics STM32W108CB Datasheet HTML 272Page - STMicroelectronics STM32W108CB Datasheet HTML 273Page - STMicroelectronics STM32W108CB Datasheet HTML 274Page - STMicroelectronics STM32W108CB Datasheet HTML 275Page - STMicroelectronics STM32W108CB Datasheet HTML 276Page - STMicroelectronics STM32W108CB Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Revision history
Doc ID 16252 Rev 14
273/278
03-Sep-2012
14
(continued)
Renamed the constituent bits of the following registers throughout
document:
TIMx_CR1
TIMx_CR2
TIMx_SMCR
TIMx_EGR
TIMx_CCMR1
TIMx_CCMR2
TIMx_CCER
TIMx_CNT
TIMx_PSC
TIMx_ARR
TIMx_CCR1
TIMx_CCR2
TIMx_CCR3
TIMx_CCR4
TIM1_OR
TIM2_OR
Renamed the following terms: OSC32A to OSC32_OUT, OSC32B to
OSC32_IN, OSC32K to LSE OSC, CLK32K to LSE, OSCRC to
LSI10K, CLK1K to LSI1K, OSCA to OSC_OUT, OSCB to OSC_IN,
OSC24M to HSE OSC, OSCHF to HSI, 24 MHz XTAL to 24 MHz
HSE OSC, 12 MHz RC to 12 MHz HSI RC, 10 kHz RC to 10 kHz LSI
RC, 32 kHz XTAL to 32 kHz HSE OSC
Updated terminology of Figure 6: System module block diagram and
Figure 7: Clocks block diagram.
Section 6.4.5: Replaced: ENABLE bit with EN, SLEEP_CONFIG with
SLPTMR_CR, COMP_A_H with CMPAH, COMP_A_L with CMPAL,
COMP_B_H with CMPBH, COMP_B_L with CMPBL.
Figure 10: Replaced SCx_I2CSTAT, SCx_I2CCTRL1, and
SCx_I2CCTRL2 with SCx_I2CSR, SCx_I2CCR1, and SCx_I2CCR2
respectively.
Section 10: replaced TMRx with TIMx, TIM_USR with USR, CCR1L
with CCR1[15:0], CCR1H with CCR1[31:16], CNT with TIMx_CNT,
CNT with CNT[15:0], CCR1 with TIMx_CCR1, TIMx_CC1R with
TIMx_CCR1, TIM_CCRx with TIMx_CCRy, TIM_CMS with
CMS[1:0], OCxREF with OCyREF, TIM_CCyIF with CCyIF,
TIM_SMCR with TIMx_SMCR, TIM_OC* with OCxy, and TIM_IC*
with ICxy.
GENERIC CHANGES
Updated “reserved” bit descriptions throughout document.
Removed all references to NVIC.
Removed all references to the INT_CFGSET register, INT_CFGCLR
register, and other registers originally in Section 12: Interrupts.
Removed all non-defined asterisks.
SPECIFIC CHANGES
Section 1.2.1: updated selectable voltage ranges of ADC.
Added Section 4.1: Memory organization and memory map.
Added Section 4.3.3 and Section 4.3.4.
Table 73.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com