Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32W108CB Datasheet(PDF) 274 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 274 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 270Page - STMicroelectronics STM32W108CB Datasheet HTML 271Page - STMicroelectronics STM32W108CB Datasheet HTML 272Page - STMicroelectronics STM32W108CB Datasheet HTML 273Page - STMicroelectronics STM32W108CB Datasheet HTML 274Page - STMicroelectronics STM32W108CB Datasheet HTML 275Page - STMicroelectronics STM32W108CB Datasheet HTML 276Page - STMicroelectronics STM32W108CB Datasheet HTML 277Page - STMicroelectronics STM32W108CB Datasheet HTML 278Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 274 / 278 page
background image
Revision history
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
274/278
Doc ID 16252 Rev 14
03-Sep-2012
14
(continued)
Section 6.2.4: added Reset (RST) register map.
Section 6.3: Clocks: added note beneath bullets points (before
Figure 7).
Section 6.3.6: added Low-speed internal 10 KHz clock (LSI10K)
control register (CLK_LSI10KCR), Low-speed internal 1 KHz clock
control register (CLK_LSI1KCR), High-speed external clock control
register 1 (CLK_HSECR1), High-speed internal clock control register
(CLK_HSICR), High-speed external clock comparator register
(CLK_HSECOMPR), Clock period control register
(CLK_PERIODCR), Clock period status register (CLK_PERIODSR),
Clock dither control register (CLK_DITHERCR), High-speed external
clock control register 2 (CLK_HSECR2), CPU clock control register
(CLK_CPUCR), Clock switching (CLK) register map.
Added Section 6.4.5.
Section 6.4.5: Added Sleep timer force interrupt register
(SLPTMR_IFR), MACTimer counter register (MACTMR_CNTR),
MACTimer counter register (MACTMR_CR) and MAC timer
(MACTMR)/Watchdog (WDG)/Sleeptimer(SLPTMR) register map.
Section 6.5.1: updated last bullet point.
Section 6.5.2: updated bullet points.
Added Section 6.5.5: Power management registers.
Section 8.1.1: updated paragraph concerning configuration registers.
Added Table 8.5.10: PC TRACE or debug select register
(GPIO_PCTRACECR).
Added Table 8.5.13: General-purpose input/output (GPIO) register
map.
Section 9.4.1: removed “see table 86).
Table 22: SPI master mode formats, Table 24: SPI slave mode
formats, and Figure 27: I2C master frame segments: updated
heading lines and removed footnote.
Removed Section 9.10: SPI slave mode registers.
Section 9.12.5 to Section 9.12.15: Bit ranges changed to [12:0].
Added Section 9.12.17: Serial interface (SC1/SC2) register map.
Section 10.1.1: updated Prescaler section.
Section 10.3.8 and Section 10.3.9: separated register descriptions
into “output compare mode” and “input capture mode”.
Added Section 10.3.20: General-purpose timers 1 and 2
(TIM1/TIM2) register map.
Section 11.1.8: updated information regarding the VDD_PADSA
regulator
Section 11.3.8: Bit range changed to [12:0].
Section 11.3.10: Bit range changed to [13:1].
Added Section 11.3.12: Analog-to-digital converter (ADC) register
map.
Section 12: Interrupts: updated section and removed register
descriptions.
Added Section 12.2: Management interrupt registers.
Added Section 14.4: SPI interface characteristics.
Table 73.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com