Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 40Page - STMicroelectronics STPM33 Datasheet HTML 41Page - STMicroelectronics STPM33 Datasheet HTML 42Page - STMicroelectronics STPM33 Datasheet HTML 43Page - STMicroelectronics STPM33 Datasheet HTML 44Page - STMicroelectronics STPM33 Datasheet HTML 45Page - STMicroelectronics STPM33 Datasheet HTML 46Page - STMicroelectronics STPM33 Datasheet HTML 47Page - STMicroelectronics STPM33 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
44/121
DS10272 Rev 8
Figure 34. Fundamental active power and energy calculation block diagram
Results of the calculated quantities are stored in the registers as follows:
EF1 = primary current channel active fundamental energy PH1 Fundamental Energy[31:0]
F1 = primary current channel active fundamental Power PH1 Fundamental Power[28:0]
f1(t) = primary current channel instantaneous active fundamental power PH1 Momentary
Fundamental Power[28:0]
EF2 = secondary current channel active fundamental energy PH2 Fundamental
Energy[31:0]
F2 = secondary current channel active fundamental power PH2 Fundamental Power[28:0]
f2(t) = secondary current channel instantaneous active fundamental power PH2 Momentary
Fundamental Power[28:0]
The fundamental active power measurements have a bandwidth of 80 Hz.
8.4.3
Reactive power and energy calculation
The signal chain for the reactive power, energy calculations and related frequency
conversion are shown in Figure 35. The instantaneous reactive power signal is generated
by multiplying the filtered signals of current and voltage. This value can be compensated by
the reactive power offset calibration block (OFRx[8:0] in DSP_CR10 and DSP_CR12). The
DC component of the instantaneous power signal is extracted from LPF to obtain the
reactive power information.
IIPx
IINx
PLNA
VIPx
VINx
HPF
HPF
ROCOIL
INT
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Vx[23:0]
Cx [23:0]
bsV
bsC
CHVx [11:0]
CHCx[11:0]
Phase
Compensation
Phase
Compensation
CxData [23:0]
ADC
ADC
LPF
Offset
Σ
LED
OFAFx[9:0]
PHx Momentary
Fundamental Power[28:0]
PHx Fundamental Power[28:0]
PHxFundamental Energy[31:0 ]
LPF
LPF
VxFund[23:0]
Cx Fund[23:0]
GIPG1703140903LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com