Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 8Page - STMicroelectronics STPM33 Datasheet HTML 9Page - STMicroelectronics STPM33 Datasheet HTML 10Page - STMicroelectronics STPM33 Datasheet HTML 11Page - STMicroelectronics STPM33 Datasheet HTML 12Page - STMicroelectronics STPM33 Datasheet HTML 13Page - STMicroelectronics STPM33 Datasheet HTML 14Page - STMicroelectronics STPM33 Datasheet HTML 15Page - STMicroelectronics STPM33 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 121 page
background image
Pin configuration
STPM32, STPM33, STPM34
12/121
DS10272 Rev 8
2
Pin configuration
Figure 4. STPM34 pinout (top view), QFN32L 5x5x1
STPM34
XTAL1
LED1
LED2
CLKIN/XTAL2
INT1
INT2
CLKOUT/ZCR
20
19
18
17
VDDA
GNDA
GND_REG
24
22
VREF2
VREF1
21
VCC
NC
2
3
4
5
6
7
1
8
EN
23
GND_REF
GIPG1303141253LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com