Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 70Page - STMicroelectronics STPM33 Datasheet HTML 71Page - STMicroelectronics STPM33 Datasheet HTML 72Page - STMicroelectronics STPM33 Datasheet HTML 73Page - STMicroelectronics STPM33 Datasheet HTML 74Page - STMicroelectronics STPM33 Datasheet HTML 75Page - STMicroelectronics STPM33 Datasheet HTML 76Page - STMicroelectronics STPM33 Datasheet HTML 77Page - STMicroelectronics STPM33 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
74/121
DS10272 Rev 8
samples, and applying to them the majority rule. This noise immunity algorithm is
automatically enabled: if “noise detection enable” bit is set, all samples must have the
same value to get a valid bit reception. In this case, when noise is detected within a
frame, a noise detection error is issued and the whole packet is discarded.
CRCPolynomial: default polynomial used is 0x07 (x8+x2+x+1).
CRC, in case of UART, has to be calculated on the reversed byte frame, because of the
internal structure of UART blocks.
For example, if the frame to transmit is 04_03_CD_AB, CRC should be calculated on the
frame:
20_C0_B3_D5 -> CRC = 0x16
The frame to send is: 04_03_CD_AB with the reversed CRC = 68
Note:
For UART peripheral, CRC byte is sent reversed only.
Frame delay: delay (expressed as bit periods) in transmitted frames. The bit period
depends on the baud rate divider selection (see below).
Baud rate: set to 9600 default value, the communication baud rate can be programmed
in this configuration register. Theoretical values for configuration register can be
calculated according to the following formulas, where a main clock frequency is
16 MHz, BR is the desired baud rate and BRDIV is the theoretical value of fractional
divider:
Equation 19
Equation 20
Equation 21
where BRRI are bits [15:4] and BRRF are bits [3:0] of the register.
According to the chosen baud rate divider the bit period is:
Equation 22
Table 31. UART control register US_REG2
Row bit position
Name
Description
Default value
[23:16]
Frame delay TX frame-to-frame delay [bit periods]
0
[15:0]
Baud rate
Fractional baud rate generation
0x0683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com