Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 31Page - STMicroelectronics STPM33 Datasheet HTML 32Page - STMicroelectronics STPM33 Datasheet HTML 33Page - STMicroelectronics STPM33 Datasheet HTML 34Page - STMicroelectronics STPM33 Datasheet HTML 35Page - STMicroelectronics STPM33 Datasheet HTML 36Page - STMicroelectronics STPM33 Datasheet HTML 37Page - STMicroelectronics STPM33 Datasheet HTML 38Page - STMicroelectronics STPM33 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
DS10272 Rev 8
35/121
STPM32, STPM33, STPM34
Theory of operation
121
The sigma-delta modulators convert the input signals into a continuous serial stream of “1”
and “0” at a rate determined by the sampling clock. In the STPM3x, the oversampling clock
is equal to 4 MHz.
1-bit DAC in the feedback loop is driven by the serial data stream. DAC output is subtracted
from the input signal and from the integrated error. If the loop gain is high enough, the
average value of DAC output (and therefore the bitstream) can approach to the input signal
level. When a large number of samples are averaged, a very precise value of the analog
signal is obtained. This average is described in DSP section.
The converted sigma-delta bitstreams of voltage and current channels are fed to the internal
hardwired DSP unit, which decimates, filters and processes those signals in order to boost
the resolution and to yield all necessary signals for computations.
8.2.3
Clock generator
All the internal timing of the STPM3x is based on the input clock signal, namely 16 MHz.
This signal can be provided in two different ways:
1.
External quartz: the oscillator works with an external crystal
2.
External clock: the XTAL2 pin can be fed by an external 16 MHz clock signal
For specific features of crystal oscillator or CLKIN signal please refer to Table 5.
The clock generator is powered by the analog supply and is responsible for two tasks. The
former delays the turn-on of some function blocks after POR in order to help a smooth start
of external power supply circuitry by keeping off all major loads. The latter provides all
necessary clocks for analog and digital parts.
Figure 26. Different oscillator circuits (a): with quartz; (b): with external source
From the external 16 MHz clock, the entire clock tree is generated. All internal clocks have
50% duty cycle.
CLKIN/XTAL2
XTAL1
CLKOUT/ZCR
15 pF
15 pF
1MΩ
CLKIN/XTAL2
XTAL1
CLKOUT/ZCR
16 MHz
GIPG1303141329LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com