Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 16Page - STMicroelectronics STPM33 Datasheet HTML 17Page - STMicroelectronics STPM33 Datasheet HTML 18Page - STMicroelectronics STPM33 Datasheet HTML 19Page - STMicroelectronics STPM33 Datasheet HTML 20Page - STMicroelectronics STPM33 Datasheet HTML 21Page - STMicroelectronics STPM33 Datasheet HTML 22Page - STMicroelectronics STPM33 Datasheet HTML 23Page - STMicroelectronics STPM33 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 121 page
background image
Electrical characteristics
STPM32, STPM33, STPM34
20/121
DS10272 Rev 8
tpZL
Enable to low level time VCC = 3.3 V ± 10%,
VIN = 0 to 3 V, 1 MHz,
Rise time = fall time = 6 ns
RL = 1 kΩ, CL = 50 pF
see Figure 10
-25
-
ns
tpLZ
Disable from low level
time
-15
-
ns
UART timings(3)
t1
-
CS enable to RX start
5
-
-
ns
t2
-
Stop bit to CS disable
1
-
-
μs
t3
-
CS disable to TX idle hold time
-
-
250
ns
tpZH
Enable to high level
time
VCC = 3.3 V ± 10%,
VIN = 0 to 3 V, 1 MHz,
Rise time = fall time = 6 ns
RL = 1 kΩ, CL = 50 pF
see Figure 10
-21
-
ns
tpHZ
Disable from high level
time
-11
-
ns
SYN timings(3)
t_ltch
Time between
de-selection and latch
-20
-
-
ns
t_lpw
Latch pulse width
-
4
-
-
μs
t_w
Time between two
consecutive latch
pulses
-4
-
-
μs
t_rpw
Reset pulse width
-
4
-
-
μs
t_rel
Time between pulse
and selection
-40
-
-
ns
t_startup
Time between power-
on and reset
-35
-
-
ms
1. Guaranteed by design.
2. Guaranteed by characterization.
3. Guaranteed by application.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com