Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 65Page - STMicroelectronics STPM33 Datasheet HTML 66Page - STMicroelectronics STPM33 Datasheet HTML 67Page - STMicroelectronics STPM33 Datasheet HTML 68Page - STMicroelectronics STPM33 Datasheet HTML 69Page - STMicroelectronics STPM33 Datasheet HTML 70Page - STMicroelectronics STPM33 Datasheet HTML 71Page - STMicroelectronics STPM33 Datasheet HTML 72Page - STMicroelectronics STPM33 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
DS10272 Rev 8
69/121
STPM32, STPM33, STPM34
Theory of operation
121
SYN pin: latching, reset and global reset
Latching of internal memory registers can be carried out by producing pulses of a given
width on SYN pin while SCS line is high as depicted in Figure 50.
If a single pulse on SYN is detected, latch occurs.
If two consecutive pulses are detected, a reset of measurement registers occurs and the
counters are reset, as well.
If three consecutive pulses are detected, a global reset occurs, the configuration is also
reset and the chip must be initialized again.
Note:
To ensure a correct initialization of DSP, it is recommended to perform a global reset
through three SYN pulses at startup and before setting configuration bits.
Figure 50. Latching and reset through SYN pulses
Latch pulse width and other SPI timings are reported in Table 5 on page 17.
Figure 51. Latching through SYN pulses
Software latch
Writing S/W Latchx configuration bits of DSP_CR3 register can latch data into transmission
latches. These two bits latch channel 1 and channel 2 data registers respectively; once set,
they latch data and are automatically reset. By setting S/W Auto Latch bit, latching is
performed automatically at the rate of sampling clock, so data latching, before each reading
request, is no longer necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com