Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 61Page - STMicroelectronics STPM33 Datasheet HTML 62Page - STMicroelectronics STPM33 Datasheet HTML 63Page - STMicroelectronics STPM33 Datasheet HTML 64Page - STMicroelectronics STPM33 Datasheet HTML 65Page - STMicroelectronics STPM33 Datasheet HTML 66Page - STMicroelectronics STPM33 Datasheet HTML 67Page - STMicroelectronics STPM33 Datasheet HTML 68Page - STMicroelectronics STPM33 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
DS10272 Rev 8
65/121
STPM32, STPM33, STPM34
Theory of operation
121
Interrupt control mask register
Each bit in the status register has a correspondent bit in DSP_IRQ1, DSP_IRQ2 interrupt
mask registers. For each bit set, the relative event detection is output on INT1, INT2 pins
respectively. In the STPM32, DSP_IRQ1 is mapped on INT1 pin only.
Status bits can be monitored by an external microcontroller application, in fact when INTx
pin triggers, the application reads the relative status register content and clears it.
Note:
Power sign status bits generate level interrupts.
8.5
Functional description of communication peripheral
The STPM3x can be interfaced to a control unit through a programmable communication
peripheral which can be:
4-pin SPI
2-pin UART
The serial communication peripherals share same pins so that they cannot be used at the
same time.
Interface selection is implemented through an internal detection system that, at the device
startup, detects which of the two communication interfaces has to be used. This feature
allows communication to be quickly established with minimal initialization.
Auto-detection works at startup, (power-up or EN pin transition from low to high) by
monitoring SCS pin status and automatically selecting the communication interface that
matches the configuration:
If SCS pin is held low the communication method is SPI
If SCS pin is held high the communication interface is UART.
For the communication interface selection the SCS pin must be kept low or high for SPI or
UART selection respectively for at least 125ns after the internal clock signal starts.
According to POR sequence in Figure 28, only after the regulated voltages are OK the
PWR_OK internal signal enables the CLKIN signal to the digital section. After two clock
periods, the digital section sets and locks the interface to the selected type. Note that the
regulated voltages could be ready later than the Vcc minimum threshold of 2.5 V, because
of the capacitance on VDDA and VDDD pins.
Below a timing diagram of startup and interface selection.
30
Tamper status(1)
Tamper
31
Tamper or wrong connection
1. Valid for the STPM33 and STPM34 only.
Table 22. Status register (continued)
Bit
Internal signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com