Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 76Page - STMicroelectronics STPM33 Datasheet HTML 77Page - STMicroelectronics STPM33 Datasheet HTML 78Page - STMicroelectronics STPM33 Datasheet HTML 79Page - STMicroelectronics STPM33 Datasheet HTML 80Page - STMicroelectronics STPM33 Datasheet HTML 81Page - STMicroelectronics STPM33 Datasheet HTML 82Page - STMicroelectronics STPM33 Datasheet HTML 83Page - STMicroelectronics STPM33 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 121 page
background image
Application design and calibration
STPM32, STPM33, STPM34
80/121
DS10272 Rev 8
Setting CP = 64000 pulses/kWh (at LPWx = 1 - device default value) and according to
calculation above the following values are:
Table 35. Example 1 calculated data
Parameter
Value
Current sensor
sensitivity
LED frequency at
PN
VMAX
IMAX
IMIN
LSBP
LSBE
kS
Vref
2 C
P
1R1 R2
+

1800 DClk AV AI calV calI

------------------------------------------------------------------------------------
3.51mV A
==
LEDf
CP VN IN

3600000
-----------------------------
20.44Hz
==
IMIN
Vref
calI AI 2
15 k
S
kint

---------------------------------------------------------
5.97 mA
=
=
LSBP
Vref
2
1R1 R2
+

kint AV AI kS calV calI 2
28

-------------------------------------------------------------------------------------
0.818mW LSB
==
LSBE
Vref
2
1R1 R2
+

3600 DClk kint AV AI kS calV calI 2
17

--------------------------------------------------------------------------------------------------------------------------
0.214mWs LSB
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com