Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 67Page - STMicroelectronics STPM33 Datasheet HTML 68Page - STMicroelectronics STPM33 Datasheet HTML 69Page - STMicroelectronics STPM33 Datasheet HTML 70Page - STMicroelectronics STPM33 Datasheet HTML 71Page - STMicroelectronics STPM33 Datasheet HTML 72Page - STMicroelectronics STPM33 Datasheet HTML 73Page - STMicroelectronics STPM33 Datasheet HTML 74Page - STMicroelectronics STPM33 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
DS10272 Rev 8
71/121
STPM32, STPM33, STPM34
Theory of operation
121
To receive data from register 04 the master should send the frame:
FF_FF_FF_FF
To write lower (least significant) 16-bits in row 3 with data #AABB and read back from the
same row:
06_06_BB_AA
And then
FF_FF_FF_FF
To receive
The sent frame changes according to LSBfirst setting:
MISO line is valid as well. In this case, there is a full-reverse data transmission when
LSBfirst=1, since data bit reception order changes as shown in Table 27.
LSBfirst can be programmed using the transactions (other configuration bits involved in the
transaction are set to their default states):
The transaction to write LSBfirst = 0 is byte-reversed, since the system has moved from the
LSBfirst = 1 condition. The read address is set so to read in the following transaction the
content of US_REG1.
Table 26. LSBfirst example
LSBfirst = 0
04_03_CD_AB
LSBfirst = 1
20_C0_B3_D5
Table 27. LSBfirst and MISO line
Byte[0]
Byte[1]
Byte[2]
Byte[3]
LSBfirst = 0
[7:0]
[15:8]
[23:16]
[31:24]
LSBfirst = 1
[0:7]
[8:15]
[16:23]
[24:31]
Table 28. LSBfirst programming
LSBfirst = 1
24_24_07_CO
LSBfirst = 0
24_24_EO_02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com