Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 51Page - STMicroelectronics STPM33 Datasheet HTML 52Page - STMicroelectronics STPM33 Datasheet HTML 53Page - STMicroelectronics STPM33 Datasheet HTML 54Page - STMicroelectronics STPM33 Datasheet HTML 55Page - STMicroelectronics STPM33 Datasheet HTML 56Page - STMicroelectronics STPM33 Datasheet HTML 57Page - STMicroelectronics STPM33 Datasheet HTML 58Page - STMicroelectronics STPM33 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 121 page
background image
DS10272 Rev 8
55/121
STPM32, STPM33, STPM34
Theory of operation
121
PER_ERR = 1: period out of range
PER_ERR bit can be also set when a sag event is detected.
When PER_ERR bit is set, PHx_PERIOD[11:0] is not updated and keeps the previous
correct value.
Setting the default line frequency through REF_FREQ bit in register DSP_CR3 speeds up
the period calculation algorithm convergence.
Phase-angle measurement
From the period information, the device calculates phase-delay between voltage and
current for the fundamental harmonic.
Cx_PHA[11:0] data for primary and secondary channel are located in DSP_REG17 and
DSP_REG19 respectively.
Phase-angle φ in degrees can be calculated from the register value as follows:
Equation 13
Resolution at 50 Hz is:
Equation 14
When PER_ERR bit is set, Cx_PHA[11:0] is not updated and keeps the previous correct
value.
8.4.10
Sag and swell detection
The device can detect and monitor the undervoltage (also called voltage dip or sag) and the
overvoltage or overcurrent events (swell).
A 4-bit event register stores every time that the sag or swell condition is verified. The event
history is stored in DSP_EV1 and DSP_EV2 registers as SAGx_EV[3:0], SWVx_EV[3:0]
and SWCx_EV[3:0]. From the event register, interrupts can be generated, and the event
duration is stored in time registers: from DSP_REG16 to DSP_REG19.
To correctly detect the event, thresholds have to be set from DSP_CR5 to DSP_CR8 as
explained below.
To clear event history and time registers, once the event has been detected, ClearSS bit in
DSP_CR1, DSP_CR2 has to be set. This bit is reset automatically.
To avoid a race condition on digital counters, a time register CLRSS_TO[3:0] (ClearSS reset
time) can be set to extend the reset duration of ClearSS bit. LSB of this register is 8
s.
Status bits are also available in case of sag and swell events in DSP_SR1 and DSP_SR2,
they can give the information about the sag/swell event start or end and generate an
interrupt if masked in DSP_IRQ1 and DSP_IRQ2 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com