Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 13Page - STMicroelectronics STPM33 Datasheet HTML 14Page - STMicroelectronics STPM33 Datasheet HTML 15Page - STMicroelectronics STPM33 Datasheet HTML 16Page - STMicroelectronics STPM33 Datasheet HTML 17Page - STMicroelectronics STPM33 Datasheet HTML 18Page - STMicroelectronics STPM33 Datasheet HTML 19Page - STMicroelectronics STPM33 Datasheet HTML 20Page - STMicroelectronics STPM33 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
DS10272 Rev 8
17/121
STPM32, STPM33, STPM34
Electrical characteristics
121
4
Electrical characteristics
VCC = 3.3 V, CL= 1 μF between VDDA and GNDA, CL = 4.7 μF between VDDD and GNDD,
CL= 1 μF between VCC and GND, CL = 100 nF between VREF1, 2 and GNDREF,
FCLK = 16 MHz, TAMB = 25 °C, EN = VCC, SPI/UART not used, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
TOP
Operating junction
temperature range
-
-40
-
105
°C
VCC
Operating supply
voltage
-
2.95
3.3
3.65
V
ICC
Operating current
STPM32
-
4.3
-
mA
STPM33
-
5.0
-
STPM34
-
5.9
-
STPM34
Primary channel ON: ENVREF1 = 1,
enV1 = enC1 = 1
Secondary channel OFF: ENVREF2 =
0, enV2 = enC2 = 0
-
4.5
-
STPM34
Primary current channel ON only:
ENVREF1 = 1, enV1 = 0, enC1 = 1
Secondary channel OFF: ENVREF2 =
0, enV2 = enC2 = 0
-
4.0
-
FCLK
Nominal frequency
-
-
16
-
MHz
t_comm
Interface selection
timing
-
125
-
-
ns
External Clock Source(1)
Duty cycle
Duty cycle of CLKIN
signal
-
40
-
60
%
t_rise
Rise time (10% to 90%)
of CLKIN signal
--
-
3
ns
Crystal oscillator(1)
Gm_crit_max
Maximum critical
crystal gm
-
-
-
0.46
mA/V
DL
Drive level
-
-
100
-
uW
COSC_IN
Internal capacitance of
oscillator inputs
--
4
-
pF
Power management (VDDA, VDDD, GNDA, GNDD, GND_REG, EN)
VPOR
Power-on-reset on VCC -
-
2.5
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com