Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 28Page - STMicroelectronics STPM33 Datasheet HTML 29Page - STMicroelectronics STPM33 Datasheet HTML 30Page - STMicroelectronics STPM33 Datasheet HTML 31Page - STMicroelectronics STPM33 Datasheet HTML 32Page - STMicroelectronics STPM33 Datasheet HTML 33Page - STMicroelectronics STPM33 Datasheet HTML 34Page - STMicroelectronics STPM33 Datasheet HTML 35Page - STMicroelectronics STPM33 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
32/121
DS10272 Rev 8
Figure 22. Power management internal connection scheme and polarization
Temperature compensated reference voltage generators produce VREF1 = VREF2 =
1.18 V at default settings. The primary voltage reference is always on and supplies the
voltage and the primary current channel, the secondary voltage reference is by default in
on-state and supplies the secondary channel.
These reference temperature compensation curves can be selected through three
configuration bits: TCx[2:0] (DSP_CR1 and DSP_CR2).
Table 9. Temperature compensation selection
TCx0
TCx1
TCx2
TC_VREF (ppm/°C)
0
0
0
-30
0
0
1
0
0
1
0
30 (default)
0
1
1
60
1
0
0
90
1
0
1
120
1
1
0
150
1
1
1
180
VCC
VDDA
GNDA
LDR 3.0 V
VOLTAGE
REFERENCE
VRefC1
VRefV1
TC2
VDDD
VOLTAGE
REFERENCE
TC1
LDR 1.2 V
GNDD
GNDREF
VRefC2
VRefV2
4.7 uF
1 μF
1 uF
100 nF
100 nF
3.3 V
GND_REG
VREF1
VREF2
ENVREF1
ENVREF2
GIPG1303141315LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com