Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 34Page - STMicroelectronics STPM33 Datasheet HTML 35Page - STMicroelectronics STPM33 Datasheet HTML 36Page - STMicroelectronics STPM33 Datasheet HTML 37Page - STMicroelectronics STPM33 Datasheet HTML 38Page - STMicroelectronics STPM33 Datasheet HTML 39Page - STMicroelectronics STPM33 Datasheet HTML 40Page - STMicroelectronics STPM33 Datasheet HTML 41Page - STMicroelectronics STPM33 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
38/121
DS10272 Rev 8
8.3
Functional description of the digital part
Each voltage and current channel has an independent digital signal processing chain, which
is composed of:
–
Digital front end (DFE)
–
Phase compensation
–
Decimation
–
Filters
–
Calibration
The outcoming signals are fed to a common hardwired DSP, which processes the metrology
data.
Figure 30. DSP block functional description
8.3.1
Digital front end (SDSx bits)
This block synchronizes and checks the sigma-delta bitstreams of voltage and current
signals.
Each channel sigma-delta stream has an SDSx status bit associated, which is cleared if the
stream is correct, while it is set if the bitstream is stuck to 0 or 1 (this is the case of an input
waveform saturating the dynamic input of the sigma-delta modulator).
To set SDSx bit, sigma-delta (ƩΔ) stream should be stuck to 0 or 1 for a time between:
tƩΔstuck = 2/(MCLK/256)=128 s … tƩΔstuck = 3/(MCLK/256) = 192 μs.
Outputs are stored on bit number: 20, 24 of DSP_SR1,2 and 13, 20 of DSP_EV1,2.
If SDSx=1, the instantaneous values of voltage current are set on positive or negative
maximum value, according to sigma-delta stream. In this case active powers and energies
are calculated with those values of signals.
If sigma-delta stream of voltage channel is stuck, the reactive energy is zero.
8.3.2
Decimation block
The decimation block operates a serial decimation of three sigma-delta serial bitstreams
coming from three modulators of voltage, primary and secondary current channels.
1
SCLK
1
SCLK
1
SCLK
24
DCLK
24
DCLK
Phase
compensation
Calibration
Filters
DSP
DFE
Decimation
1
SCLK
1
SCLK
1
SCLK
24
DCLK
24
DCLK
Phase
compensation
Calibration
GIPG1403141159LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com