Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 12Page - STMicroelectronics STPM33 Datasheet HTML 13Page - STMicroelectronics STPM33 Datasheet HTML 14Page - STMicroelectronics STPM33 Datasheet HTML 15Page - STMicroelectronics STPM33 Datasheet HTML 16Page - STMicroelectronics STPM33 Datasheet HTML 17Page - STMicroelectronics STPM33 Datasheet HTML 18Page - STMicroelectronics STPM33 Datasheet HTML 19Page - STMicroelectronics STPM33 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 121 page
background image
Absolute maximum ratings
STPM32, STPM33, STPM34
16/121
DS10272 Rev 8
3
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to GND.
Note:
This value is referred to single-layer PCB, JEDEC standard test board.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC input voltage
-0.3 to 4.2
V
VID
Any pin input voltage
-0.3 to VCC + 0.3
V
VIA
Analog pin input voltage (VIP, VIN, IIP, IIN)
-0.7 to 0.7
V
ESD
Human body model (all pins)
±2
kV
ILATCH
Current injection latch-up immunity
100
mA
Tj
Junction temperature
125
°C
TSTG
Storage temperature range
-40 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Package
Value
Unit
RthJA
Thermal resistance junction-ambient
QFN32L 5x5x1
30
°C/W
QFN24L 4x4x1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com