Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 55Page - STMicroelectronics STPM33 Datasheet HTML 56Page - STMicroelectronics STPM33 Datasheet HTML 57Page - STMicroelectronics STPM33 Datasheet HTML 58Page - STMicroelectronics STPM33 Datasheet HTML 59Page - STMicroelectronics STPM33 Datasheet HTML 60Page - STMicroelectronics STPM33 Datasheet HTML 61Page - STMicroelectronics STPM33 Datasheet HTML 62Page - STMicroelectronics STPM33 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
DS10272 Rev 8
59/121
STPM32, STPM33, STPM34
Theory of operation
121
To calculate the filtering time for the sag event, we consider the time in which the nominal
instantaneous voltage is below the sag threshold, that is:
Equation 15
To correctly distinguish between normal sinusoidal voltage and sag event, the filtering time
should be added to this component, for example half line period (10 ms at 50 Hz). Since
LSB of SAG_TIME_THRx register is 8
s (FCLK = 125 kHz), the value to set is:
Equation 16
In the same way:
VSWELL: target RMS value of swell voltage
AV: voltage sensor gain
DSWELL = 210, length of swell threshold register
calV = 0.875, calibrator mid value
Following the above calculation we obtain the hexadecimal value of voltage swell threshold:
Register value
Register LSB RMS value
Table 17. Voltage swell
Parameter
Value
Register value
Register LSB RMS value
Table 16. Voltage sag (continued)
Parameter
Value
SAG
VSAG
Vref
-------------- AV
2calV
R2
R1 R2
+
--------------------

DSAG HEX


=
LSBSAG
R1 R2
+
 V
ref
AV
2R2 calV D
SAG

------------------------------------------------------------------ V

=
time
2 arc
VSAG
VL
--------------


sin
1000
2
f
L
------------- ms


=
SWELLV
VSWELL
Vref
--------------------- AV
2
R2
R1 R2
+
-------------------- calV D
SWELL HEX


=
LSBSWELL
Vref R1 R2
+

AV
2R2 calV D
SWELL

------------------------------------------------------------------------- V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com