Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 99Page - STMicroelectronics STPM33 Datasheet HTML 100Page - STMicroelectronics STPM33 Datasheet HTML 101Page - STMicroelectronics STPM33 Datasheet HTML 102Page - STMicroelectronics STPM33 Datasheet HTML 103Page - STMicroelectronics STPM33 Datasheet HTML 104Page - STMicroelectronics STPM33 Datasheet HTML 105Page - STMicroelectronics STPM33 Datasheet HTML 106Page - STMicroelectronics STPM33 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 121 page
background image
DS10272 Rev 8
103/121
STPM32, STPM33, STPM34
Register map
121
Table 47. Row 3, DSP control register 4 (DSP_CR4)
Bit
Internal signal
Description
Default
[9:0]
PHC2
Secondary current channel phase compensation
register
0x0
[11:10]
PHV2
Secondary voltage channel phase compensation
register
0x0
[21:12]
PHC1
Primary current channel phase compensation register
0x0
[23:22]
PHV1
Primary voltage channel phase compensation register
0x0
[31:24]
-
Reserved
0x0
Table 48. Row 4, DSP control register 5 (DSP_CR5)
Bit
Internal signal
Description
Default
[11:0]
CHV1
Calibration register of primary voltage channel
0x800
[21:12]
SWV_THR1
Swell threshold of primary voltage channel
0x3FF
[31:22]
SAG_THR1
Sag threshold of primary voltage channel
0x0
Table 49. Row 5, DSP control register 6 (DSP_CR6)
Bit
Internal signal
Description
Default
[11:0]
CHC1
Calibration register of primary current channel
0x800
[21:12]
SWC_THR1
Swell threshold of primary current channel
0x3FF
[31:22]
-
Reserved
0x0
Table 50. Row 6, DSP control register 7 (DSP_CR7)
Bit
Internal signal
Description
Default
[11:0]
CHV2
Calibration register of secondary voltage channel
0x800
[21:12]
SWV_THR2
Swell threshold of secondary voltage channel
0x3FF
[31:22]
SAG_THR2
Sag threshold of secondary voltage channel
0x0
Table 51. Row 7, DSP control register 8 (DSP_CR8)
Bit
Internal signal
Description
Default
[11:0]
CHC2
Calibration register of secondary current channel
0x800
[21:12]
SWC_THR2
Swell threshold of secondary current channel
0x3FF
[31:22]
-
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com