Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 47Page - STMicroelectronics STPM34 Datasheet HTML 48Page - STMicroelectronics STPM34 Datasheet HTML 49Page - STMicroelectronics STPM34 Datasheet HTML 50Page - STMicroelectronics STPM34 Datasheet HTML 51Page - STMicroelectronics STPM34 Datasheet HTML 52Page - STMicroelectronics STPM34 Datasheet HTML 53Page - STMicroelectronics STPM34 Datasheet HTML 54Page - STMicroelectronics STPM34 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 121 page
background image
DS10272 Rev 8
51/121
STPM32, STPM33, STPM34
Theory of operation
121
RMS block architecture is shown in Figure 38:
Figure 38. RMS block
If the cut-off frequency of an LP filter is set much below the input signal spectrum, it can be
considered as an average operator. In this case and according to the figure, the first LP filter
averages its input signal which is produced by division and multiplication:
Equation 7
By assumption, the feedback signal R is DC type and therefore, it can be extracted from the
average operation and the above equation can be rearranged into:
Equation 8
By a square-root operation on both sides of previous equation we get:
Equation 9
which is RMS value exact definition.
/
LPF
1/2
LPF
-
GIPG2803141121LM
R
X
2
R
------


=
R
2
X
2

=
RX
2

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com