Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 11Page - STMicroelectronics STPM34 Datasheet HTML 12Page - STMicroelectronics STPM34 Datasheet HTML 13Page - STMicroelectronics STPM34 Datasheet HTML 14Page - STMicroelectronics STPM34 Datasheet HTML 15Page - STMicroelectronics STPM34 Datasheet HTML 16Page - STMicroelectronics STPM34 Datasheet HTML 17Page - STMicroelectronics STPM34 Datasheet HTML 18Page - STMicroelectronics STPM34 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 121 page
background image
DS10272 Rev 8
15/121
STPM32, STPM33, STPM34
Pin configuration
121
23
23
17
VCC
Voltage supply
From 3.0 V to 3.6 V
Power
24
15, 16,
24, 25
-
NC
Not connected
-
-
25, 26
26
18
GNDD
Digital ground
-
Power
27
27
19
VDDD
Output of voltage regulator
1.2 V
Power
28
28
20
SYN
Synchronization pin
From 0 to VCC
SPI
29
29
21
SCS
Chip-select SPI/UART select From 0 to VCC
SPI/UART
30
30
22
SCL
SPI clock
From 0 to VCC
SPI
31
31
23
MOSI/RXD
SPI master OUT slave IN
UART RX
From 0 to VCC
SPI/UART
32
32
24
MISO/TXD
SPI master IN slave OUT
UART TX
From 0 to VCC
SPI/UART
Table 2. STPM34, STPM33, STPM32 pin description (continued)
STPM34 STPM33 STPM32
Name
Description and
multiplexed function
Voltage range
Functional
section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com