Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 75Page - STMicroelectronics STPM34 Datasheet HTML 76Page - STMicroelectronics STPM34 Datasheet HTML 77Page - STMicroelectronics STPM34 Datasheet HTML 78Page - STMicroelectronics STPM34 Datasheet HTML 79Page - STMicroelectronics STPM34 Datasheet HTML 80Page - STMicroelectronics STPM34 Datasheet HTML 81Page - STMicroelectronics STPM34 Datasheet HTML 82Page - STMicroelectronics STPM34 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
DS10272 Rev 8
79/121
STPM32, STPM33, STPM34
Application design and calibration
121
With the above external components, the maximum measurable values of RMS voltage and
current are:
Equation 25
Equation 26
These values are calculated leaving some available room for the input range with the peak
value and minimizing modulator distortions.
The current resolution value is equal to 4 times LSBIRMS:
Equation 27
Example: current transformer case
This example shows the correct dimensioning of a meter using a current transformer having
the following specification:
The dimension of the voltage channel considers the voltage divider resistor values as
770 k
 and 470 .
IMIN
Vref
calI AI 2
15 k
S
kint

--------------------------------------------------------- A

=
Table 34. Example 1 design data
Parameter
Value
VN nominal voltage
230 VRMS
IN nominal current
5 ARMS
IMax maximum current
40 ARMS
CP constant pulses
1000 imp/kWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com