Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 33Page - STMicroelectronics STPM34 Datasheet HTML 34Page - STMicroelectronics STPM34 Datasheet HTML 35Page - STMicroelectronics STPM34 Datasheet HTML 36Page - STMicroelectronics STPM34 Datasheet HTML 37Page - STMicroelectronics STPM34 Datasheet HTML 38Page - STMicroelectronics STPM34 Datasheet HTML 39Page - STMicroelectronics STPM34 Datasheet HTML 40Page - STMicroelectronics STPM34 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
DS10272 Rev 8
37/121
STPM32, STPM33, STPM34
Theory of operation
121
Figure 28. Power-on-reset sequence
The STPM3x also has an enable pin (EN) which works as follows:
EN is high: when the power is on and EN pin raises, the device is enabled and starts
after POR procedure as above described.
EN is low: when the power is on and EN pin has a transition high to low, the device is
disabled. It stops and the internal digital memory is deleted so a new initialization is
needed when EN goes back to high.
After POR, to ensure a correct initialization, it is necessary to perform a reset of DSP and
communication peripherals through three SYN pulses (see Section 8.6.1 on page 68) and
a single SCS pulse, as shown in the figure below. SCS pulse can be performed before or
after SYN pulses, but minimum startup time before reset (as indicated in Table 5 on
page 17) has to be respected.
Figure 29. Global startup reset
VDDA
LDR 3.0 V
LDR 1.2 V
VDDD
PowerOK_3.0 V
PowerOK_1.2 V
EN
POR
16 MHz Osc
XTAL2
XTAL1
VCC
OSC
CLKIN
GIPG1303141331LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com