Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 78Page - STMicroelectronics STPM34 Datasheet HTML 79Page - STMicroelectronics STPM34 Datasheet HTML 80Page - STMicroelectronics STPM34 Datasheet HTML 81Page - STMicroelectronics STPM34 Datasheet HTML 82Page - STMicroelectronics STPM34 Datasheet HTML 83Page - STMicroelectronics STPM34 Datasheet HTML 84Page - STMicroelectronics STPM34 Datasheet HTML 85Page - STMicroelectronics STPM34 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 121 page
background image
Application design and calibration
STPM32, STPM33, STPM34
82/121
DS10272 Rev 8
Referring to Section 9.1 and Section 5 on page 24, having R1 or kS calculated as stated in
the previous section, the target values of voltage and current RMS registers, XV and XI
respectively are calculated as follows:
Note:
For the above calculation, the calculated value of the component kS or R1 (according to the
chosen design method) must be used; the difference of the real component is compensated
by calibration as a tolerance.
To start calibration, the device has to be programmed with the proper gain and current
sensor; moreover, to obtain the greatest correction dynamic, calibrators are initially set in
the middle of their range (0x800), thus obtaining a calibration range of ± 12.5% per voltage
or current channel.
After applying VN and current IN to the meter, a certain number of voltage and current RMS
samples must be read and averaged (please, refer to averaged register values as VAV and
IAV) to calculate voltage and channel calibrators as follows:
The above procedure must be repeated for all voltage/current channels.
9.2.2
Phase calibration (PHVx, PHCx bits)
The STPM3x does not introduce any phase shift between voltage and current channels.
However, the voltage and current signals come from transducers, which could have inherent
phase errors. For example, a phase error of 0.1° to 0.3° is not uncommon for a current
transformer (CT). These phase errors can vary from part to part, and they must be corrected
in order to perform accurate power calculations. The errors associated with phase mismatch
are particularly noticeable at low power factors.
The phase compensation block provides a method of digital phase correction of the phase
shifting between voltage and current channels which can be introduced by the external
component intrinsic characteristics or by external component mismatch. The amount of
Table 37. Calibration target values
Parameter
Value
Voltage register value at VN
Current register value at IN
XV
VN AV calV 2
15

Vref 1R1 R2
+

------------------------------------------------
=
XI
IN AI calI kS 2
17

Vref
-----------------------------------------------------
=
Table 38. Calibrator calculation
Parameter
Value
Calibrator value
Correction factor
CHV
14336
XV
VAV
---------- 12288
–
=
CHC
14336
XI
IAV
-------- 12288
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com