Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 21Page - STMicroelectronics STPM34 Datasheet HTML 22Page - STMicroelectronics STPM34 Datasheet HTML 23Page - STMicroelectronics STPM34 Datasheet HTML 24Page - STMicroelectronics STPM34 Datasheet HTML 25Page - STMicroelectronics STPM34 Datasheet HTML 26Page - STMicroelectronics STPM34 Datasheet HTML 27Page - STMicroelectronics STPM34 Datasheet HTML 28Page - STMicroelectronics STPM34 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 121 page
background image
DS10272 Rev 8
25/121
STPM32, STPM33, STPM34
Typical application example
121
Note:
Above listed components refer to typical metering applications. The STPM3x operation is
not limited to the choice of these external components.
Table 7. Suggested external components in metering applications
Function
Component
Description
Value
Tolerance
Unit
Line voltage
interface
Resistor
divider
R to R ratio VRMS = 230 V
1:1650
± 1%
50 ppm/°C
V/V
R to R ratio VRMS = 110 V
1:830
Line current
interface
Rogowski coil
Current to voltage ratio kS
0.15
± 5%
50 ppm/°C
mV/A
CT
2.4
± 5%
Shunt
0.3
± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com