Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 36Page - STMicroelectronics STPM34 Datasheet HTML 37Page - STMicroelectronics STPM34 Datasheet HTML 38Page - STMicroelectronics STPM34 Datasheet HTML 39Page - STMicroelectronics STPM34 Datasheet HTML 40Page - STMicroelectronics STPM34 Datasheet HTML 41Page - STMicroelectronics STPM34 Datasheet HTML 42Page - STMicroelectronics STPM34 Datasheet HTML 43Page - STMicroelectronics STPM34 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
40/121
DS10272 Rev 8
ROCx = 0: channel x current sensor is CT or shunt
ROCx = 1: channel x current sensor is Rogowski coil
In case of ROCx = 1, integrator filter is included to integrate current signal coming from
Rogowski coil current sensor. Rogowski coil integrator is selectable independently for each
current channel.
8.3.5
Fundamental component filter
This low-pass filter on the voltage and current signals is used to calculate: zero-crossing,
period, phase-angles and fundamental active and reactive energy. Filtered voltage and
current components are available on DSP_REG6, DSP_REG7, DSP_REG8, DSP_REG9
named VxFund and CxFund.
8.3.6
Reactive filter
Reactive filter introduces a delay in current and voltage streams respectively; these signals
are used to calculate reactive power and energy.
Input streams for reactive filter are VxFund and CxFund signals.
8.4
Functional description of hardwired DSP
From the decimation and filtering block, signals are fed to hardwired DSP to compute the
following quantities for primary and secondary channels:
Active power and energy wideband 0 Hz(4 Hz) -3.6 kHz
Active power and energy fundamental 45 - 65 Hz
Reactive power and energy
Apparent power and energy from RMS data
Apparent power vectorial calculation
Signal measurement: RMS, period, zero-crossing, phase-delay, sag and swell, tamper
Each power signal is accumulated in the correspondent energy register every 7.8125 kHz.
Energy registers are up-down counters. The accumulation is signed so that the negative
energy is subtracted from the positive energy. When the measured power is positive, the
energy register increases its content from 0x00000000 up to the maximum value,
0xFFFFFFFF, then it rolls from 0xFFFFFFFF back to 0x00000000.
Vice versa, when the power is negative, the register decreases its content; from
0x00000000 rolls to 0xFFFFFFFF and continues decreasing till 0x00000000.
To monitor each energy register overflow and power sign, status bits are available on
DSP_SR1 and DSP_SR2.
When an energy threshold is reached, a pulse is generated on LED pin.
This pulse is generated by monitoring two consecutive bits of the energy register: the LED
signal goes high when the two selected bits commute to 01 and goes low when the bits
change to 11.
The configuration bits LPWx[3:0] in DSP_CR1 and DSP_CR2 shift the default bits for pulse
generation, thus changing the default pulse frequency of a given factor, indicated in
Table 12 for each configuration value. Maximum LED pulse width is anyway fixed to 81.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com