Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 53Page - STMicroelectronics STPM34 Datasheet HTML 54Page - STMicroelectronics STPM34 Datasheet HTML 55Page - STMicroelectronics STPM34 Datasheet HTML 56Page - STMicroelectronics STPM34 Datasheet HTML 57Page - STMicroelectronics STPM34 Datasheet HTML 58Page - STMicroelectronics STPM34 Datasheet HTML 59Page - STMicroelectronics STPM34 Datasheet HTML 60Page - STMicroelectronics STPM34 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
DS10272 Rev 8
57/121
STPM32, STPM33, STPM34
Theory of operation
121
Figure 43. Sag detection process
Voltage/current swell detection
To detect a voltage or a current swell, the fundamental component of signal is compared to
the 10-bit threshold SWV_THRx[9:0] and SWC_THRx[9:0] in DSP_CR5, DSP_CR6,
DSP_CR7, and DSP_CR8.
When the signal overcomes the threshold, a swell event is detected and LSB of
SWVx_EV[3:0] or SWCx_EV[3:0] event register is set. At the same time, SWELL_Start bit is
set in the interrupt status register and an interrupt can be generated.
If the swell event ceases, SWV_EV or SWC_EV register is shifted and its LSB is set to zero,
also SWELL_End bit in the interrupt status register is set.
The duration of the event is stored in SWV_TIME[14:0] or SWC_TIME[14:0] in registers
from DSP_REG16 to DSP_REG19 for primary and secondary voltage and current channel
respectively.
If the overflow of SWV_TIME or SWC_TIME register occurs, the related SWVx_EV and
SWCx_EV register is left shifted and its LSB is set, as shown in figure below.
LSB of time registers is 8
s.
To disable swell detection, the registers SWV_THRx and SWC_THRx must have maximum
value 0x3FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com