Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 72Page - STMicroelectronics STPM34 Datasheet HTML 73Page - STMicroelectronics STPM34 Datasheet HTML 74Page - STMicroelectronics STPM34 Datasheet HTML 75Page - STMicroelectronics STPM34 Datasheet HTML 76Page - STMicroelectronics STPM34 Datasheet HTML 77Page - STMicroelectronics STPM34 Datasheet HTML 78Page - STMicroelectronics STPM34 Datasheet HTML 79Page - STMicroelectronics STPM34 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
76/121
DS10272 Rev 8
SPI RX overrun: occurs when two consecutive write transactions are too fast and close
to each other
SPI TX underrun: occurs when a read-back operation (= write then read the same
register) or latch/read is too fast
SPI CRC error: CRC error detected
UART/SPI write address error: write address out of range (not write address not
writable)
Table 33. UART/SPI status and interrupt control register
Register
Bit position
Description
Default value
Access
mode
SR
30
SPI RX overrun
0
RW
29
SPI TX underrun
0
RW
28
SPI CRC error
0
RW
27
UART/SPI write address error
0
RW
26
UART/SPI read address error
0
RW
25
SPI TX empty
0
RO
24
SPI RX full
0
RO
22
UART TX overrun
0
RW
21
UART RX overrun
0
RW
20
UART noise error
0
RW
19
UART frame error
0
RW
18
UART timeout error
0
RW
17
UART CRC error
0
RW
16
UART break
0
RW
IRQ CR
14
mask for SPI RX overrun error status bit
0
RW
13
mask for SPI TX underrun error status bit
0
RW
12
mask for SPI CRC error status bit
0
RW
11
mask for write address error status bit
0
RW
10
mask for read address error status bit
0
RW
9
mask for SPI TX empty
0
RW
8
mask for SPI RX full
0
RW
6
mask for UART TX overrun
0
RW
5
mask for UART RX overrun
0
RW
4
mask for UART noise error
0
RW
3
mask for UART frame error
0
RW
2
mask for UART timeout error
0
RW
1
mask for UART CRC error
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com