Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 81Page - STMicroelectronics STPM34 Datasheet HTML 82Page - STMicroelectronics STPM34 Datasheet HTML 83Page - STMicroelectronics STPM34 Datasheet HTML 84Page - STMicroelectronics STPM34 Datasheet HTML 85Page - STMicroelectronics STPM34 Datasheet HTML 86Page - STMicroelectronics STPM34 Datasheet HTML 87Page - STMicroelectronics STPM34 Datasheet HTML 88Page - STMicroelectronics STPM34 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
DS10272 Rev 8
85/121
STPM32, STPM33, STPM34
Application design and calibration
121
9.2.3
Power offset calibration (OFAx, OFAFx, OFRx, OFSx bits)
The device has the power offset compensation register for all measured powers (active,
active fundamental, reactive and apparent) to compensate, for each channel, the power
measured due to noise capture in the application.
Power registers are signed values, (MSB is the sign and negative values are two's
complemented); the power offset registers are also signed registers with LSB value equal to
4 times the power LSB:
Power offset can be compensated by measuring the power value when the current I = 0, if
the average value is not null; the value is due to external influences, then an opposite value
should be applied to the power offset register.
Register map
There are three types of data register:
 RW: read and written by application (in orange in the picture below)
 RWL: the status bits, set from DSP, must be latched to read updated content, and must
be cleared by the application (in orange in the picture below)
 RL: read registers only, they contain measured data and are continuously updated by
DSP, so they need to be latched before reading (in blue in the picture below)
The following nomenclature is used in the above registers:
Table 41. Power offset LSB
Parameter
Value
Power LSB value
Power offset LSB value
LSBP
Vref
2
1R1 R2
+

Kint AV AI kS calV calI 2
28

--------------------------------------------------------------------------------------
w
LSB
------------
=
LSBPO LSBP 2
2
=
Vref
2
1R1 R2
+

Kint AV AI kS calV calI 2
28

-------------------------------------------------------------------------------------- 2
2
w
LSB
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com