Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 64Page - STMicroelectronics STPM34 Datasheet HTML 65Page - STMicroelectronics STPM34 Datasheet HTML 66Page - STMicroelectronics STPM34 Datasheet HTML 67Page - STMicroelectronics STPM34 Datasheet HTML 68Page - STMicroelectronics STPM34 Datasheet HTML 69Page - STMicroelectronics STPM34 Datasheet HTML 70Page - STMicroelectronics STPM34 Datasheet HTML 71Page - STMicroelectronics STPM34 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
68/121
DS10272 Rev 8
Figure 48. Single communication time frame
Data and configuration registers are organized into 32-bit rows in the internal memory, but
can only be accessed 16-bit at a time for writing operations.
The address space is 70 rows wide, so there are 70 32-bit addressable elements for reading
operations; since the first 21 configuration registers are writable, there are 42 (= 21 x 2)
16-bit addressable elements for writing operations.
Figure 49. Memory data organization
Two different codes are used for the read address space and write address space, which
can be found in the register map.
8.6.1
Synchronization and remote reset functionality
Data into read-only registers are updated internally by DSP with frequency: 7.8125 kHz
(clock frequency measure). Latching is used to sample the updated results into transmission
latches. The transmission latches are flip-flops holding the data in the communication
interface.
Data latching can be implemented in three ways:
Using SYN and SCS pin
Writing the channel latch bits before each reading (S/W Latchx in DSP_CR3)
Writing auto-latch bit (S/W Auto Latch in DSP_CR3) to automatically latch data
registers every clock measure period (128 μs)
The remote reset can be performed in two ways:
Using SYN and SCS pin
Writing the reset bit (S/W reset in DSP_CR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com