Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 29Page - STMicroelectronics STPM34 Datasheet HTML 30Page - STMicroelectronics STPM34 Datasheet HTML 31Page - STMicroelectronics STPM34 Datasheet HTML 32Page - STMicroelectronics STPM34 Datasheet HTML 33Page - STMicroelectronics STPM34 Datasheet HTML 34Page - STMicroelectronics STPM34 Datasheet HTML 35Page - STMicroelectronics STPM34 Datasheet HTML 36Page - STMicroelectronics STPM34 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
DS10272 Rev 8
33/121
STPM32, STPM33, STPM34
Theory of operation
121
Figure 23. Temperature compensation typical curves
8.2.2
Analog front end
Analog channel inputs of voltages VIP1, VIN1, VIP2, VIN2 and currents IIP1, IIN1; IIP2, IIN2
are fully differential.
Voltage channels have a preamplification gain of 2, which defines the maximum differential
voltage on voltage channel inputs to ± 300 mV.
Current channels have a programmable gain selectable among 2, 4, 8 and 16, which
defines the maximum differential voltage on current channel to ± 300 mV, 150 mV, 75 mV or
± 37.5 mV respectively. The selection is given by GAINx[1:0] (DFE_CR1, DFE_CR2) bits as
described in Table 10.
The oversampling frequency of the modulators is 4 MHz, the output bitstreams of the 2nd
order sigma-delta modulators relative to the voltage and to the two current channels are
available on INT and LED output pins through the proper configuration (see configuration bit
map).
Table 10. Current channel input preamplifier gain selection
GAINx0
GAINx1
Gain
Differential input
0
0
X2
± 300 mV
0
1
X4
± 150 mV
1
0
X8
± 75 mV
1
1
X16
± 37.5 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com