Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 77Page - STMicroelectronics STPM34 Datasheet HTML 78Page - STMicroelectronics STPM34 Datasheet HTML 79Page - STMicroelectronics STPM34 Datasheet HTML 80Page - STMicroelectronics STPM34 Datasheet HTML 81Page - STMicroelectronics STPM34 Datasheet HTML 82Page - STMicroelectronics STPM34 Datasheet HTML 83Page - STMicroelectronics STPM34 Datasheet HTML 84Page - STMicroelectronics STPM34 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 121 page
background image
DS10272 Rev 8
81/121
STPM32, STPM33, STPM34
Application design and calibration
121
To set the desired LED pulse output, division factor LED_PWM can be set through
LPWx[3:0] bits in DSP_CR1 and DSP_CR2 configuration registers.
The closer value to desired CP is given by setting LPWx divider to 1010.
Any tolerance producing small variation of CP from 1000 imp/kWh can be compensated by
calibration: setting CHV and CHC bits.
9.2
Application calibration
The meter has to be calibrated so to compensate external component tolerances and
internal VREF possible drift.
After the calibration, a meter using the STPM3x can reach IEC class 0.2 accuracy, taking
into account that the component choice follows the rules explained above, and the layout
and signal routing minimize the noise capture.
9.2.1
Voltage and current calibration (CHVx, CHCx bits)
Thanks to the device internal architecture and linearity, all calculated values (RMS, energies
and power) can be calibrated in a single point, just calibrating voltage and current streams.
For this purpose, a known nominal voltage VN and current IN must be applied to the meter
under calibration.
Table 36. LPWx bits, Cp, LED frequency relationships
LPWx
LED_PWM
CP [imp/kWh]
LED at PNom [Hz] Pulse value [Ws]
0000
0.0625
1024000
327.11
3.52
0001
0.125
512000
163.56
7.03
0010
0.25
256000
81.78
14.06
0011
0.5
128000
40.89
28.13
0100
1
64000
20.44
56.25
0101
2
32000
10.22
112.50
0110
4
16000
5.11
225
0111
8
8000
2.56
450
1000
16
4000
1.28
900
1001
32
2000
0.64
1800
1010
64
1000
0.32
3600
1011
128
500
0.16
7200
1100
256
250
0.08
14400
1101
512
125
0.04
28800
1110
1024
62.5
0.02
57600
1111
2048
31.25
0.01
115200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com