Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPM34
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPM34 Datasheet HTML 35Page - STMicroelectronics STPM34 Datasheet HTML 36Page - STMicroelectronics STPM34 Datasheet HTML 37Page - STMicroelectronics STPM34 Datasheet HTML 38Page - STMicroelectronics STPM34 Datasheet HTML 39Page - STMicroelectronics STPM34 Datasheet HTML 40Page - STMicroelectronics STPM34 Datasheet HTML 41Page - STMicroelectronics STPM34 Datasheet HTML 42Page - STMicroelectronics STPM34 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
DS10272 Rev 8
39/121
STPM32, STPM33, STPM34
Theory of operation
121
The decimation ratio, out of the filter cascade, is 512 so that outputs of this block are parallel
24-bit data at a rated frequency of 7.8125 kHz.
The decimation block has a magnitude response -3 dB band of 3.6 kHz and a 2.0 kHz flat
band.
8.3.3
Filter block
The block includes:
DC cancellation filter (BHPFVx, BHPFCx bits)
Rogowski coil Integrator (ROCx bit)
Fundamental harmonic component filter
Figure 31. Filter block diagram
8.3.4
DC cancellation filter
This block removes the DC component of signal from voltage and current signals.
It is a selectable block which can be bypassed in case of particular needs with BHPFVx and
BHPFCx bits in DSP_CR1 and DSP_CR2.
The filter has a passband at -3 dB of 8 Hz
BHPFVx = 0: voltage HPF is included for x channel
BHPFVx = 1: voltage HPF is bypassed for x channel
BHPFCx = 0: current HPF is included for x channel
BHPFCx = 1: current HPF is bypassed for x channel
Rogowski coil Integrator
ROCx bit in DSP_CR1 and DSP_CR2 selects the type of current sensors (CT, shunt or
Rogowski coil):
Reactive
filter
HPF
HPF
ROCOIL
INT
LPF
LPF
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Cx Data [23:0]
VxFund[23:0]
Cx Fund[23:0]
CHVx [11:0]
CHCx [11:0]
Vx[23:0]
Cx [23:0]
GIPG1403141207LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com