Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 11 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Figure 7. Soft-start
COMP
FB
+
+
-
Rf
Cf
Cp
Vout
Ru
Rd
Iss
SS
Css
Vref
800 mV
ERROR
AMPLIFIER
During the soft-start period the current limit is set to the nominal value.
The dVSS/dt slope is programmed in agreement with the following equation:
CSS=ISS⋅TSS
VREF =5μA⋅TSS
0.8V
(2)
Before starting the CSS capacitor charge, the soft-start circuitry turns on the discharge switch shown in
Figure 7. Soft-start for TSSDISCH minimum time, in order to completely discharge the CSS capacitor. As a
consequence, the maximum value for the soft-start capacitor, which assures an almost complete discharge in
case of EN signal toggle, is provided by:
CSS_MAX≤ TSSDISCH
5⋅RSSDISCH≅270nF
(3)
given TSSDISCH = 530 µs and RSSDISCH = 380 Ω typical values. The enable feature allows the device to be in
standby mode. With the EN pin lower than device OFF level, the device is disabled and the power consumption is
reduced to less than 11 μA (typ.). With the EN pin higher than device ON level, the device is enabled. If the EN
pin is left floating, an internal pull-down current ensures that the voltage on the pin reaches the inhibit threshold
and the device is disabled. The pin is also VCC compatible.
A7987
Soft-start
DS12928 - Rev 3
page 11/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com