Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 14 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
IPK is the default A7987 current limit in case of RILIM is not mounted, as shown in Table 5. Electrical
characteristics
Figure 9. Current limit and programming resistor
.500
1.00
1.500
2.00
2.500
3.00
3.500
4.00
4.500
20
30
40
50
60
70
80
90
100
RILIM [kΩ]
The minimum programmed current limit cannot be lower than ISKIP=0.5 A (typical), also in case of fold-back
detection.
5.6
Overtemperature protection
It is recommended that the device should never exceed the maximum allowable junction temperature. This
temperature increase is mainly caused by the total power dissipated from the integrated power MOSFET.
To avoid any damage to the device when a high temperature is reached, the A7987 implements a thermal
shutdown feature: when the junction temperature reaches 170 °C (typ.) the device turns off the power MOSFET
and shuts down. When the junction temperature drops to 155 °C (typ.), the device restarts with a new soft-start
sequence.
A7987
Overtemperature protection
DS12928 - Rev 3
page 14/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com