Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 25 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 21Page - STMicroelectronics A7987 Datasheet HTML 22Page - STMicroelectronics A7987 Datasheet HTML 23Page - STMicroelectronics A7987 Datasheet HTML 24Page - STMicroelectronics A7987 Datasheet HTML 25Page - STMicroelectronics A7987 Datasheet HTML 26Page - STMicroelectronics A7987 Datasheet HTML 27Page - STMicroelectronics A7987 Datasheet HTML 28Page - STMicroelectronics A7987 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Figure 20. Input quiescent current vs input voltage. No
load
0
1
2
3
6
12
18
24
30
36
42
48
54
60
Input voltage [V]
VBIAS=VOUT
VBIAS=GND
Figure 21. Input shutdown current vs input voltage
0
2
4
6
8
10
12
14
16
6
12
18
24
30
36
42
48
54
60
Input voltage [V]
Figure 22. Load regulation. VOUT = 3.3 V, FSW=500 kHz
3.292000
3.294000
3.296000
3.298000
3.30000
3.302000
3.304000
3.306000
3.308000
3.310000
0.001
0.01
0.1
1
Output current [A]
12V
24V
36V
48V
60V
Figure 23. Line regulation. VOUT = 3.3 V, FSW = 500 kHz
3.290000
3.292000
3.294000
3.296000
3.298000
3.30000
3.302000
3.304000
3.306000
10
15
20
25
30
35
40
45
50
55
60
Input voltage[V]
0A
1A
3A
A7987
Demonstration board
DS12928 - Rev 3
page 25/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com