Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 26 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 22Page - STMicroelectronics A7987 Datasheet HTML 23Page - STMicroelectronics A7987 Datasheet HTML 24Page - STMicroelectronics A7987 Datasheet HTML 25Page - STMicroelectronics A7987 Datasheet HTML 26Page - STMicroelectronics A7987 Datasheet HTML 27Page - STMicroelectronics A7987 Datasheet HTML 28Page - STMicroelectronics A7987 Datasheet HTML 29Page - STMicroelectronics A7987 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
8
Application ideas
8.1
Positive buck-boost
The A7987 device can implement the step-up/down conversion with a positive output voltage.
The figure below shows the complete schematic: one power MOSFET and one Schottky diode are added to the
standard buck topology to provide 24 V output voltage, with an input voltage from 18 V to 60 V. In this design
example, the programmed switching frequency is 510 kHz and the maximum expected load is 0.8 A.
Figure 24. Positive buck-boost schematic example
+
+
R8
47k
EN
C10
68nF
C2
33uF
SYNCH
C3
1uF
VIN
GND
C1
4.7uF
U1
A7987
PGOOD
VIN_2
SS
SYNCH
FSW
ILIM
COMP
8
EN
FB
GND
16
VCC
LX_1
LX_2
VIN_1
VBIAS
BOOT
TP
17
3
6
7
10
11
5
4
2
R11
1.6k
12
9
13
14
1
15
C7
100nF
C11
680pF
R6
1.1k
C9
220nF
C10
470pF
R7
R5
560
D1
D4
R15
100R
D5
L1
VOUT
47k
C8
4.7nF
GND
Q1
C18
1uF
D2
STPS3L60
C6
47uF
47uH
PGOOD
In this topology the relationship between input and output voltage is:
VOUT=VIN⋅ D1−D
(33)
so the duty cycle is given by:
D= VOUT
VOUT+VIN
(34)
The output voltage is not limited by the maximum operating voltage of the device, because the output voltage is
sensed only through the resistor divider. The external power MOSFET maximum drain to source voltage must be
higher than the output voltage and also the additional diode, D2, must be rated for the same maximum voltage.
In Figure 24. Positive buck-boost schematic example a clamping network has been added to limit Q1 gate to
source voltage (C10, R15 and D5) and to speed up Q1 turn-off time (D4).
The current flowing through the internal power MOSFET is transferred to the load only during the OFF-time, so
according to the maximum allowed A7987 DC switch current (3.0 A), the maximum output current for the buck-
boost topology can be calculated by the equation below.
ISW=IOUT1−D<3A
(35)
where ISW is the average current in the embedded power MOSFET during the ON-time.
In addition to these constraints, the thermal considerations summarized in Section 6.5 Thermal considerations
must also be evaluated.
A7987
Application ideas
DS12928 - Rev 3
page 26/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com