Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 12 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics A7987 Datasheet HTML 10Page - STMicroelectronics A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
5.3
Error amplifier and light-load management
The error amplifier (E/A) provides the error signal to be compared with the sawtooth to perform the pulse width
modulation. Its non-inverting input is internally connected to a 0.8 V voltage reference and its inverting input (FB)
and output (COMP) are externally available for feedback and frequency compensation. In this device the error
amplifier is a voltage mode operational amplifier, therefore, with high DC gain and low output impedance. The
uncompensated error amplifier characteristics are summarized in Table 6. Error amplifier characteristics:
Table 6. Error amplifier characteristics
Characteristics
Value
Low frequency gain (A0)
100 dB
GBWP
23 MHz
Output voltage swing
0 to 3.5 V
Source/sink current capability
3.1 mA / 5 mA
In continuous conduction working mode (CCM), the transfer function of the power section has two poles due to
the LC filter and one zero due to the ESR of the output capacitor. Different kinds of compensation networks can
be used depending on the ESR value of the output capacitor.
If the zero introduced by the output capacitor helps to compensate the double pole of the LC filter, a type II
compensation network can be used. Otherwise, a type III compensation network must be used (see
Section 6.4 Compensation network for details on the compensation network design).
In case of light load (i.e. if the output current is lower than the half of the inductor current ripple) the A7987 enters
pulse-skipping working mode. The HS MOS is kept off if the COMP level is below 200 mV (typ.); when this bottom
level is reached the integrated switch is turned on until the inductor current reaches ISKIP value. So, in
discontinuous conduction working mode (DCM), the HS MOS on-time is only related to the time necessary to
charge the inductor up to ISKIP level. Due to current sensing comparator delay, the actual inductor charge current
could be slightly impacted by VIN and inductance level.
In order to let the bootstrap capacitor recharge, in case of extremely light load, the A7987 is able to pull down the
LX net through an integrated small LS MOS. In this way the bootstrap recharge current can flow from VIN through
CBOOT, LX and the LS MOS.
This mechanism is activated if the HS MOS has been kept turned off for more than 3 ms (typ.).
5.4
Low VIN operation
In normal operation (i.e. VOUT programmed lower than input voltage), when the HS MOS is turned off, a
minimum off-time (TOFFMIN) interval is performed. In case the input voltage falls close or below the programmed
output voltage (low-dropout, LDO), the A7987 control loop is able to increase the duty cycle up to 100%.
However, in order to keep the boot capacitor properly recharged, a maximum HS MOS on-time is limited
(TONMAX). When this limit is reached the HS MOS is turned off and a pull-down resistor between LX and GND is
turned on until one of the following conditions is met:
•
A negative current limit (300 mA typ.) is reached
•
A time-out (1 µs typ.) is reached
So the A7987 is able to work in low-dropout operation and recover the programmed output voltage as soon as the
proper input voltage level is restored.
5.5
Overcurrent protection
The A7987 implements an overcurrent protection by sensing the current flowing through the power MOSFET. Due
to the noise created by the switching activity of the power MOSFET, the current sensing circuitry is disabled
during the initial phase of the conduction time. This avoids an erroneous detection of a fault condition. This
interval is generally known as “masking time” or “blanking time”. The masking time is 120 ns (typ.).
A7987
Error amplifier and light-load management
DS12928 - Rev 3
page 12/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com