Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 28 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 24Page - STMicroelectronics A7987 Datasheet HTML 25Page - STMicroelectronics A7987 Datasheet HTML 26Page - STMicroelectronics A7987 Datasheet HTML 27Page - STMicroelectronics A7987 Datasheet HTML 28Page - STMicroelectronics A7987 Datasheet HTML 29Page - STMicroelectronics A7987 Datasheet HTML 30Page - STMicroelectronics A7987 Datasheet HTML 31Page - STMicroelectronics A7987 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Figure 27. Negative buck-boost schematic example
+
+ C6
47uF
EN
R8
47k
R9
N.M.
C10
100nF
R3
100k
VIN
C7
100nF
GND
C11
220pF
R6 2.7k
C9
100nF
GND
R4
4.7
R1
47k
C8
4.7nF
R5
560
-VOUT
D1
U1
A7987
PGOOD
12
VIN
3
SS
6
SYNCH
7
FSW
10
ILIM
11
COMP
8
EN
5
FB
9
GND
16
VCC
4
LX
13
LX
14
VIN
2
VBIAS
1
BOOT
15
TP
17
R2
1.6k
GND PLANE
IC GND
L1
47uH
Figure 28. Negative buck-boost PCB layout (top)
Figure 29. Negative buck-boost PCB layout (bottom)
Eq. (33) and Eq. (34) for positive buck-boost can be used to program the output voltage and estimate the working
duty cycle, assuming for VOUT a positive voltage. The other considerations summarized in the previous section
are also applied to the inverting buck-boost.
In this topology the device GND is shorted to VOUT, so the resulting voltage stress on the integrated power MOS
is the sum of VIN and VOUT. Consequently, the maximum input voltage must be lower than:
VIN≤VIN,MAX−VOUT
(39)
VIN,MAX = 61 V is the maximum operating input voltage for the A7987, as shown in Table 5. Electrical
characteristics.
Therefore, if the output voltage is -24 V, the maximum operating input voltage is close to 36 V, if also the
freewheeling diode has the same reverse voltage ratings.
For control loop stability analysis and compensation, the transfer function model and considerations summarized
in the previous section are also applied to this topology.
A7987
Negative buck-boost
DS12928 - Rev 3
page 28/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com