Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 24 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 20Page - STMicroelectronics A7987 Datasheet HTML 21Page - STMicroelectronics A7987 Datasheet HTML 22Page - STMicroelectronics A7987 Datasheet HTML 23Page - STMicroelectronics A7987 Datasheet HTML 24Page - STMicroelectronics A7987 Datasheet HTML 25Page - STMicroelectronics A7987 Datasheet HTML 26Page - STMicroelectronics A7987 Datasheet HTML 27Page - STMicroelectronics A7987 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Reference
Part
Package
Note
Manufacturer P/N
R6
1 k
0603
1% tolerance
R7
7.5 k
0603
1% tolerance
R8
47 k
0603
1% tolerance
R10
0
0805
R11
2.4 k
0603
1% tolerance
R1, R9, R13
N.M.
L1
10 uH
5x5 mm
4.9 A sat/ 41 mΩ
COILCRAFT XAL5050-103
L2
N.M.
D1
STPS3L60
SMB
60 V-3 A Schottky rectifier
ST STPS3L60U-Y
U1
A7987
HTSSOP16
ST A7987
Figure 16. Demonstration board layout (top)
Figure 17. Demonstration board layout (bottom)
Figure 18. Efficiency vs output current VOUT = 3.3 V, FSW =
500 kHz
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output current [A]
12V
24V
36V
48V
60V
Figure 19. Junction temperature increase vs output
current TAMB = 25 °C
0
20
40
60
80
100
120
0.5
1
1.5
2
2.5
3
Output current [A]
12V
24V
36V
48V
60V
A7987
Demonstration board
DS12928 - Rev 3
page 24/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com