Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 15 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 11Page - STMicroelectronics A7987 Datasheet HTML 12Page - STMicroelectronics A7987 Datasheet HTML 13Page - STMicroelectronics A7987 Datasheet HTML 14Page - STMicroelectronics A7987 Datasheet HTML 15Page - STMicroelectronics A7987 Datasheet HTML 16Page - STMicroelectronics A7987 Datasheet HTML 17Page - STMicroelectronics A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
6
Application information
6.1
Input capacitor selection
The input capacitor must be rated for the maximum input operating voltage and the maximum RMS input current.
Since the step-down converter input current is a sequence of pulses from 0 A to IOUT, the input capacitor must
absorb the equivalent RMS current, which can be up to the load current divided by two (worst case, with duty
cycle of 50%). For this reason, the quality of these capacitors must be very high to minimize the power dissipation
generated by the internal ESR, thereby improving system reliability and efficiency.
The RMS input current (flowing through the input capacitor) is roughly estimated by:
ICIN,RMS≅IOUT⋅ D⋅ 1−D
(7)
Actual DC/DC conversion duty cycle, D=VOUT/VIN, is influenced by a few parameters:
DMAX= VOUT+VF
VIN,MIN−VSW,MAX
DMIN= VOUT+VF
VIN,MAX−VSW,MIN
(8)
where VF is the freewheeling diode forward voltage and VSW the voltage drop across the internal high-side
MOSFET. Considering the range DMIN to DMAX it is possible to determine the maximum ICIN,RMS flowing through
the input capacitor.
The input capacitor value must be dimensioned to safely handle the input RMS current and to limit the VIN and
VCC ramp-up slew-rate to 0.5 V/µs maximum, in order to avoid the device active ESD protection turn-on.
The amount of the input voltage ripple can be roughly overestimated by:
VIN,PP=D⋅ 1−D ⋅IOUT
CIN⋅FSW +RES,IN⋅IOUT
(9)
In case of MLCC ceramic input capacitors, the equivalent series resistance (RES,IN) is negligible.
In addition to the input RMS current handling consideration, a ceramic capacitor with appropriate voltage rating
and with a value of 1 µF or higher should always be placed between VIN and ground and between VCC and the
IC GND pin.
This solution is necessary for noise filtering purposes.
6.2
Output capacitor selection
The output capacitor is very important in order to satisfy the output voltage ripple requirements. Using a small
inductor value is useful to reduce the size of the choke but increases the current ripple. So, to reduce the output
voltage ripple, a low ESR capacitor is required. Nevertheless, the ESR of the output capacitor introduces a zero in
the open loop gain, which helps to increase the phase margin of the system. If the zero goes to very high
frequency, a typical drawback in case of ceramic output capacitor application, a type III compensation network
must be designed.
The current, in the output capacitor, has a triangular waveform which generates a voltage ripple across it. This
ripple is due to the capacitive component (charge and discharge of the output capacitor) and the resistive
component (due to the voltage drop across its ESR). So the output capacitor must be selected in order to have a
voltage ripple compliant with the application requirements.
The amount of the voltage ripple can be estimated starting from the current ripple obtained by the inductor
selection. Assuming ∆IL the inductor current ripple, the output voltage ripple is roughly overestimated by the
equation below:
ΔVOUT,PP≅ΔIL⋅RES,OUT+ ΔIL
8⋅FSW⋅COUT
(10)
Usually the resistive component of the ripple is much higher than the capacitive one, if the output capacitor
adopted is not a multi-layer ceramic capacitor (MLCC) with a very low ESR value. The output capacitor is also
important for loop stability: it fixes the double LC filter pole and the zero due to its ESR.
A7987
Application information
DS12928 - Rev 3
page 15/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com