Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 22 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 18Page - STMicroelectronics A7987 Datasheet HTML 19Page - STMicroelectronics A7987 Datasheet HTML 20Page - STMicroelectronics A7987 Datasheet HTML 21Page - STMicroelectronics A7987 Datasheet HTML 22Page - STMicroelectronics A7987 Datasheet HTML 23Page - STMicroelectronics A7987 Datasheet HTML 24Page - STMicroelectronics A7987 Datasheet HTML 25Page - STMicroelectronics A7987 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TJ=TA+Rtℎ,JA⋅PTOT
(32)
where TA is the ambient temperature and PTOT is the sum of the power losses just seen. RthJA is the equivalent
thermal resistance junction-to-ambient of the device.
It can be calculated as the parallel of many paths of heat conduction from the junction to the ambient. For this
device the path through the exposed pad is the one conducting the largest amount of heat. The RthJA, measured
on the demonstration board described in the following paragraph, is about 40 °C/W for the HTTSOP16 package.
6.6
Layout considerations
The PCB layout of the switching DC/DC regulators minimizes the noise injected in high impedance nodes and
interference generated by the high switching current loops.
In a step-down converter, the input loop (including the input capacitor, the power MOSFET and the freewheeling
diode) is the most critical one. This is due to the fact that high value pulsed currents are flowing through it. In
order to minimize the EMI, this loop must be as short as possible.
The feedback pin (FB) connection to the external resistor divider is a high impedance node, so the interference
can be minimized by placing the routing of the feedback node as far as possible from the high current paths. To
reduce the pick-up noise, the resistor divider must be placed very close to the device.
To filter the high frequency noise, a small bypass capacitor (1 μF or higher) must be added as close as possible to
the input voltage pin of the device.
Thanks to the exposed pad of the device, the ground plane helps to reduce the junction to ambient thermal
resistance; so a wide ground plane enhances the thermal performance of the converter, allowing the high power
conversion.
A7987
Layout considerations
DS12928 - Rev 3
page 22/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com