Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 35 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A7987 Datasheet HTML 28Page - STMicroelectronics A7987 Datasheet HTML 29Page - STMicroelectronics A7987 Datasheet HTML 30Page - STMicroelectronics A7987 Datasheet HTML 31Page - STMicroelectronics A7987 Datasheet HTML 32Page - STMicroelectronics A7987 Datasheet HTML 33Page - STMicroelectronics A7987 Datasheet HTML 34Page - STMicroelectronics A7987 Datasheet HTML 35Page - STMicroelectronics A7987 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
List of figures
Figure 1.
Application schematic ............................................................... 2
Figure 2.
Block diagram .................................................................... 3
Figure 3.
Pin connection (top view) ............................................................. 4
Figure 4.
Oscillator and synchronization ......................................................... 8
Figure 5.
Switching frequency programmability..................................................... 9
Figure 6.
Feed-forward .................................................................... 10
Figure 7.
Soft-start ....................................................................... 11
Figure 8.
OCP and frequency scaling .......................................................... 13
Figure 9.
Current limit and programming resistor .................................................. 14
Figure 10.
Switching regulator control loop simplified model............................................ 17
Figure 11.
Type II compensation network ........................................................ 18
Figure 12.
Type II compensation - Bode plot ...................................................... 19
Figure 13.
Type III compensation network ........................................................ 19
Figure 14.
Type III compensation - Bode plot ...................................................... 21
Figure 15.
A7987 demonstration board schematic .................................................. 23
Figure 16.
Demonstration board layout (top) ...................................................... 24
Figure 17.
Demonstration board layout (bottom).................................................... 24
Figure 18.
Efficiency vs output current VOUT = 3.3 V, FSW = 500 kHz ..................................... 24
Figure 19.
Junction temperature increase vs output current TAMB = 25 °C ................................. 24
Figure 20.
Input quiescent current vs input voltage. No load............................................ 25
Figure 21.
Input shutdown current vs input voltage .................................................. 25
Figure 22.
Load regulation. VOUT = 3.3 V, FSW=500 kHz .............................................. 25
Figure 23.
Line regulation. VOUT = 3.3 V, FSW = 500 kHz.............................................. 25
Figure 24.
Positive buck-boost schematic example .................................................. 26
Figure 25.
Buck-boost PCB layout (top) ......................................................... 27
Figure 26.
Buck-boost PCB layout (bottom) ....................................................... 27
Figure 27.
Negative buck-boost schematic example ................................................. 28
Figure 28.
Negative buck-boost PCB layout (top) ................................................... 28
Figure 29.
Negative buck-boost PCB layout (bottom) ................................................ 28
Figure 30.
HTSSOP16 package outline.......................................................... 29
A7987
List of figures
DS12928 - Rev 3
page 35/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com