Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7987 Datasheet(PDF) 2 Page - STMicroelectronics

Part # A7987
Description  61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7987 Datasheet(HTML) 2 Page - STMicroelectronics

  A7987 Datasheet HTML 1Page - STMicroelectronics A7987 Datasheet HTML 2Page - STMicroelectronics A7987 Datasheet HTML 3Page - STMicroelectronics A7987 Datasheet HTML 4Page - STMicroelectronics A7987 Datasheet HTML 5Page - STMicroelectronics A7987 Datasheet HTML 6Page - STMicroelectronics A7987 Datasheet HTML 7Page - STMicroelectronics A7987 Datasheet HTML 8Page - STMicroelectronics A7987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1
Application schematic
Figure 1. Application schematic
C10
R1
C4
PGOOD
VIN
C7
GND
C1
100 V 100 V
C11
R6
C9
VOUT
R7
C8
R5
GND
D1
U1
7987
PGOOD
12
VIN
3
SS
6
SYNCH
7
FSW
10
ILIM
11
COMP
8
EN
5
FB
9
GND
16
VCC
4
LX
13
LX
14
VIN
2
VBIAS
1
BOOT
15
TP
17
R11
C5
L1
A
A7987
Application schematic
DS12928 - Rev 3
page 2/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com